Part Number Hot Search : 
BTA1664 LUY12W S8004 CAT93C46 2SB1197 1N5416 ON1064 93022A
Product Description
Full Text Search
 

To Download BAT54CWT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat54wt thru bat54swt 200mwatt, 30volt schottky barrier diode features part number device marking type pin configuration bat54wt kl5 single figure 1 bat54awt kl6 dual figure 2 BAT54CWT kl7 dual figure 3 bat54swt kl8 dual figure 4 maximum ratings continuous reverse voltage v r 30v repetitive peak forward current i frm 300ma non-repetitive peak forward current t<1s i fsm 600ma total power dissipation @ t a = 25 c p d 200mw storage temperature range t stg -55 c to 1 2 5 c electrical characteristics @ 25 c unless otherwise specified ratings symbol max. notes forward voltage at i f = 0.1ma i f = 1ma i f = 10ma i f = 30ma i f = 100ma v f 240mv320mv 400mv 500mv 1000mv reverse current i r 2 ua v r = 25v reverse breakdown voltage v (br) >30v capacitance c j 10pf measured at 1.0mhz, v r =1.0v reverse recovery time t rr 5ns i f =i r =10ma; i (rec) = 1ma thermal resistance, junction to ambient r ja 500k/w forward current i f 200ma junction temperature t j sot-323 suggested solder pad layout inches mm dim min max min max note a .071 .087 1.80 2.20 b .045 .053 1.15 1.35 c .083 .096 2.10 2.45 d .026 nominal 0.65nominal e .047 .055 1.20 1.40 f .012 .016 .30 .40 g .000 .004 .000 .100 h .035 .039 .90 1.00 j .004 .010 .100 .250 k .006 .016 .15 .40 a c b d e f g h j 1.90 0 .7 0 0.90 0 . 65 0.65 dimensions k  
 omp onents 20736 marilla street chatsworth       
     m c c www. mccsemi .com revision : d 2013/09/24 tm micro commercial components 1 of 3 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information) -55 c to 1 2 5 c low forward voltage surface mount sot-323 package capable of 200mwatts of power dissipation h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
figure 1 figure 3 figure 4 figure 2 pin configuration - top view m c c www. mccsemi .com revision : d 2013/09/24 bat54wt thru bat54swt tm micro commercial components 0 50 100 150 200 250 25 0 50 75 100 125 150 p , power dissipation (mw) d t , ambient temperature ( c) a fi g . 4 power deratin g curve 300 0 2 4 10 8 6 12 0 10 15 5 20 30 25 c , total capacitance (pf) t v , reverse voltage (v) r fi g . 3 t y pical capacitance vs. reverse volta g e f = 1.0mhz 0.001 0.01 0.1 10 1 100 0 5 10 15 20 25 3 0 v , instantaneous reverse voltage (v) r fig. 2 typical reverse characteristics t = 25oc a t = 75oc a t = 125oc a t = 0oc a 0.1 0.01 1 0.001 0.0001 0 1.0 0.4 0.6 0.8 0.2 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (v) f fig. 1 forward characteristics t = -40oc a t = 125oc a t = 75oc a t = 25oc a t = 0oc a 2 of 3 downloaded from: http:///
m c c revision : d 2013/09/24 tm micro commercial components www. mccsemi .com 3 of 3 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 3 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BAT54CWT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X